Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 19 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 15Page - Texas Instruments DIR1703 Datasheet HTML 16Page - Texas Instruments DIR1703 Datasheet HTML 17Page - Texas Instruments DIR1703 Datasheet HTML 18Page - Texas Instruments DIR1703 Datasheet HTML 19Page - Texas Instruments DIR1703 Datasheet HTML 20Page - Texas Instruments DIR1703 Datasheet HTML 21Page - Texas Instruments DIR1703 Datasheet HTML 22Page - Texas Instruments DIR1703 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
t
BCH
t
BCL
t
BCDO
t
BCY
BCKO
(OUT)
LRCKO
(OUT)
DOUT
(OUT)
SCKO
(OUT)
V
/2
DD
t
CKLR
t
SCBC
t
SCY
V
/2
DD
V
/2
DD
V
/2
DD
DIR9001
SLES198 – DECEMBER 2006
PARAMETERS
MIN
TYP
MAX
UNIT
tSCY
System clock pulse cycle time
18
ns
tSCBC
Delay time of SCK rising edge to BCK rising edge
4
8
15
ns
tCKLR
Delay time of BCKO falling edge to LRCKO valid
–5
0.5
0.5
ns
tBCY
BCKO pulse cycle time
1/64fS
s
tBCH
BCKO pulse duration, HIGH
60
ns
tBCL
BCKO pulse duration, LOW
60
ns
tBCDO
Delay time of BCKO falling edge to DOUT valid
–5
1
5
ns
tr
Rising time of all signals
10
ns
tf
Falling time of all signals
10
ns
NOTE: Load capacitance of the LRCKO, BCKO, and DOUT pins is 20 pF. DOUT, LRCKO, and BCKO are synchronized with
SCKO.
Figure 12. Decoded Audio Data Output Timing
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com