Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 32Page - Texas Instruments CC1000-RWP2 Datasheet HTML 33Page - Texas Instruments CC1000-RWP2 Datasheet HTML 34Page - Texas Instruments CC1000-RWP2 Datasheet HTML 35Page - Texas Instruments CC1000-RWP2 Datasheet HTML 36Page - Texas Instruments CC1000-RWP2 Datasheet HTML 37Page - Texas Instruments CC1000-RWP2 Datasheet HTML 38Page - Texas Instruments CC1000-RWP2 Datasheet HTML 39Page - Texas Instruments CC1000-RWP2 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
CC1000
SWRS048A
Page 36 of 55
25. Optional LC Filter
An optional LC filter may be added
between the antenna and the matching
network in certain applications. The filter
will reduce the emission of harmonics and
increase the receiver selectivity.
The filter topology is shown in Figure 25.
Component values are given in Table 13.
The
filter
is
designed
for
50
Ω
terminations. The component values may
have to be tuned to compensate for layout
parasitics.
L71
C71
C72
L71
C71
C72
Figure 25. LC filter
Item
315 MHz
433 MHz
868 MHz
915 MHz
C71
30 pF
20 pF
10 pF
10 pF
C72
30 pF
20 pF
10 pF
10 pF
L71
15 nH
12 nH
5.6 nH
4.7 nH
Table 13. LC filter component values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com