Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 9Page - Texas Instruments CC1000-RWP2 Datasheet HTML 10Page - Texas Instruments CC1000-RWP2 Datasheet HTML 11Page - Texas Instruments CC1000-RWP2 Datasheet HTML 12Page - Texas Instruments CC1000-RWP2 Datasheet HTML 13Page - Texas Instruments CC1000-RWP2 Datasheet HTML 14Page - Texas Instruments CC1000-RWP2 Datasheet HTML 15Page - Texas Instruments CC1000-RWP2 Datasheet HTML 16Page - Texas Instruments CC1000-RWP2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
CC1000
SWRS048A
Page 13 of 55
9. 3-wire Serial Configuration Interface
CC1000 is configured via a simple 3-wire
interface
(PDATA,
PCLK
and PALE).
There are 28 8-bit configuration registers,
each addressed by a 7-bit address. A
Read/Write bit initiates a read or write
operation. A full configuration of
CC1000
requires sending 22 data frames of 16 bits
each (7 address bits, R/W bit and 8 data
bits).
The
time
needed
for
a
full
configuration
depend
on
the
PCLK
frequency. With a PCLK frequency of 10
MHz the full configuration is done in less
than 46
µs. Setting the device in power
down mode requires sending one frame
only and will in this case take less than 2
µs. All registers are also readable.
In each write-cycle 16 bits are sent on the
PDATA-line. The seven most significant
bits of each data frame (A6:0) are the
address-bits.
A6
is
the
MSB
(Most
Significant Bit) of the address and is sent
as the first bit. The next bit is the R/W bit
(high for write, low for read). During
address and R/W bit transfer the PALE
(Program Address Latch Enable) must be
kept
low.
The
8
data-bits
are
then
transferred (D7:0). See Figure 4.
The timing for the programming is also
shown in Figure 4 with reference to Table
2. The clocking of the data on PDATA is
done on the negative edge of PCLK.
When the last bit, D0, of the 8 data-bits
has been loaded, the data word is loaded
in the internal configuration register.
The configuration data is stored in internal
RAM. The data is retained during power-
down mode, but not when the power-
supply is turned off. The registers can be
programmed in any order.
The configuration registers can also be
read by the microcontroller via the same
configuration interface. The seven address
bits are sent first, then the R/W bit set low
to initiate the data read-back.
CC1000 then
returns the data from the addressed
register. PDATA is in this case used as an
output and must be tri-stated (or set high n
the case of an open collector pin) by the
microcontroller during the data read-back
(D7:0). The read operation is illustrated in
Figure 5.
Figure 4. Configuration registers write operation
PCLK
PDATA
PALE
Address
Write mode
65
4
3
21
0
7
6
5
4
3
2
1
0
Data byte
T
HD
T
SA
T
CH,min
T
CL,min
T
HA
W
T
SD
T
SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com