Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 12Page - Texas Instruments CC1000-RWP2 Datasheet HTML 13Page - Texas Instruments CC1000-RWP2 Datasheet HTML 14Page - Texas Instruments CC1000-RWP2 Datasheet HTML 15Page - Texas Instruments CC1000-RWP2 Datasheet HTML 16Page - Texas Instruments CC1000-RWP2 Datasheet HTML 17Page - Texas Instruments CC1000-RWP2 Datasheet HTML 18Page - Texas Instruments CC1000-RWP2 Datasheet HTML 19Page - Texas Instruments CC1000-RWP2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
CC1000
SWRS048A
Page 16 of 55
11. Signal interface
The signal interface consists of DIO and
DCLK and is used for the data to be
transmitted and data received. DIO is the
bi-directional data line and DCLK provides
a synchronous clock both during data
transmission and data reception.
The
CC1000 can be used with NRZ (Non-
Return-to-Zero) data or Manchester (also
known as bi-phase-level) encoded data.
CC1000 can also synchronise the data from
the demodulator and provide the data
clock at DCLK.
CC1000 can be configured for three
different data formats:
Synchronous NRZ mode. In transmit
mode
CC1000 provides the data clock at
DCLK, and DIO is used as data input.
Data is clocked into
CC1000 at the rising
edge of DCLK. The data is modulated at
RF without encoding.
CC1000 can be
configured for the data rates 0.6, 1.2, 2.4,
4.8, 9.6, 19.2, 38.4 or 76.8 kbit/s. For 38.4
and 76.8 kbit/s a crystal frequency of
14.7456 MHz must be used. In receive
mode
CC1000 does the synchronisation
and provides received data clock at DCLK
and data at DIO. The data should be
clocked into the interfacing circuit at the
rising edge of DCLK. See Figure 7.
Synchronous Manchester encoded mode.
In transmit mode
CC1000 provides the data
clock at DCLK, and DIO is used as data
input. Data is clocked into
CC1000 at the
rising edge of DCLK and should be in NRZ
format. The data is modulated at RF with
Manchester code. The encoding is done
by
CC1000. In this mode CC1000 can be
configured for the data rates 0.3, 0.6, 1.2,
2.4, 4.8, 9.6, 19.2 or 38.4 kbit/s. The 38.4
kbit/s rate corresponds to the maximum
76.8 kBaud due to the Manchester
encoding. For 38.4 and 76.8 kBaud a
crystal frequency of 14.7456 MHz must be
used. In receive mode
CC1000 does the
synchronisation and provides received
data clock at DCLK and data at DIO.
CC1000 does the decoding and NRZ data
is presented at DIO. The data should be
clocked into the interfacing circuit at the
rising edge of DCLK. See Figure 8.
Transparent Asynchronous UART mode.
In transmit mode DIO is used as data
input. The data is modulated at RF without
synchronisation or encoding. In receive
mode the raw data signal from the
demodulator is sent to the output. No
synchronisation or decoding of the signal
is done in
CC1000 and should be done by
the interfacing circuit. The DCLK pin is
used as data output in this mode. Data
rates in the range from 0.6 to 76.8 kBaud
can be used. For 38.4 and 76.8 kBaud a
crystal frequency of 14.7456 MHz must be
used. See Figure 9.
11.1 Manchester encoding and
decoding
In the Synchronous Manchester encoded
mode
CC1000 uses Manchester coding
when modulating the data. The
CC1000
also performs the data decoding and
synchronisation. The Manchester code is
based on transitions; a “0” is encoded as a
low-to-high transition, a “1” is encoded as
a high-to-low transition. See Figure 10.
The
CC1000 can detect a Manchester
decoding
violation
and
will
set
a
Manchester Violation Flag when such a
violation is detected in the incoming
signal.
The
threshold
limit
for
the
Manchester Violation can be set in the
MODEM1
register.
The
Manchester
Violation Flag can be monitored at the
CHP_OUT (LOCK) pin, configured in the
LOCK register.
The Manchester code ensures that the
signal has a constant DC component,
which
is
necessary
in
some
FSK
demodulators.
Using
this
mode
also
ensures compatibility with CC400/CC900
designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com