Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 43Page - Texas Instruments CC1000-RWP2 Datasheet HTML 44Page - Texas Instruments CC1000-RWP2 Datasheet HTML 45Page - Texas Instruments CC1000-RWP2 Datasheet HTML 46Page - Texas Instruments CC1000-RWP2 Datasheet HTML 47Page - Texas Instruments CC1000-RWP2 Datasheet HTML 48Page - Texas Instruments CC1000-RWP2 Datasheet HTML 49Page - Texas Instruments CC1000-RWP2 Datasheet HTML 50Page - Texas Instruments CC1000-RWP2 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
CC1000
SWRS048A
Page 47 of 55
TEST3 Register (for test only, 43h)
REGISTER
NAME
Default
value
Active
Description
TEST3[7:5]
-
-
-
Not used
TEST3[4]
BREAK_LOOP
0
-
1 : PLL loop open
0 : PLL loop closed
TEST3[3:0]
CAL_DAC_OPEN
0100
-
Calibration DAC override value, active when
BREAK_LOOP =1
TEST2 Register (for test only, 44h)
REGISTER
NAME
Default
value
Active
Description
TEST2[7:5]
-
-
-
Not used
TEST2[4:0]
CHP_CURRENT
[4:0]
-
-
Status vector defining applied
CHP_CURRENT value
TEST1 Register (for test only, 45h)
REGISTER
NAME
Default
value
Active
Description
TEST1[7:4]
-
-
-
Not used
TEST1[3:0]
CAL_DAC[3:0]
-
-
Status vector defining applied Calibration
DAC value
TEST0 Register (for test only, 46h)
REGISTER
NAME
Default
value
Active
Description
TEST0[7:4]
-
-
-
Not used
TEST0[3:0]
VCO_ARRAY[3:0]
-
-
Status vector defining applied VCO_ARRAY
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com