Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 4Page - Texas Instruments CC1000-RWP2 Datasheet HTML 5Page - Texas Instruments CC1000-RWP2 Datasheet HTML 6Page - Texas Instruments CC1000-RWP2 Datasheet HTML 7Page - Texas Instruments CC1000-RWP2 Datasheet HTML 8Page - Texas Instruments CC1000-RWP2 Datasheet HTML 9Page - Texas Instruments CC1000-RWP2 Datasheet HTML 10Page - Texas Instruments CC1000-RWP2 Datasheet HTML 11Page - Texas Instruments CC1000-RWP2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
CC1000
SWRS048A
Page 8 of 55
4. Pin Assignment
Pin no.
UltraCSP
pin no.
Pin name
Pin type
Description
1
G3
AVDD
Power (A)
Power supply (3 V) for analog modules (mixer and IF)
2
F2
AGND
Ground (A)
Ground connection (0 V) for analog modules (mixer and IF)
3
G2
RF_IN
RF Input
RF signal input from antenna
4
G1
RF_OUT
RF output
RF signal output to antenna
5
F1
AVDD
Power (A)
Power supply (3 V) for analog modules (LNA and PA)
6
E2
AGND
Ground (A)
Ground connection (0 V) for analog modules (LNA and PA)
7
E1
AGND
Ground (A)
Ground connection (0 V) for analog modules (PA)
8
D1
AGND
Ground (A)
Ground connection (0 V) for analog modules (VCO and prescaler)
9
C1
AVDD
Power (A)
Power supply (3 V) for analog modules (VCO and prescaler)
10
B1
L1
Analog input
Connection no 1 for external VCO tank inductor
11
A1
L2
Analog input
Connection no 2 for external VCO tank inductor
12
B2
CHP_OUT
(LOCK)
Analog output
Charge pump current output
The pin can also be used as PLL Lock indicator. Output is high
when PLL is in lock.
13
C2
R_BIAS
Analog output
Connection for external precision bias resistor (82 k
Ω, ± 1%)
14
F3
AGND
Ground (A)
Ground connection (0 V) for analog modules (backplane)
15
A2
AVDD
Power (A)
Power supply (3 V) for analog modules (general)
16
B3
AGND
Ground (A)
Ground connection (0 V) for analog modules (general)
17
A3
XOSC_Q2
Analog output
Crystal, pin 2
18
A4
XOSC_Q1
Analog input
Crystal, pin 1, or external clock input
19
B4
AGND
Ground (A)
Ground connection (0 V) for analog modules (guard)
20
C3
DGND
Ground (D)
Ground connection (0 V) for digital modules (substrate)
21
C4
DVDD
Power (D)
Power supply (3 V) for digital modules
22
D4
DGND
Ground (D)
Ground connection (0 V) for digital modules
23
E4
DIO
Digital
input/output
Data input/output. Data input in transmit mode. Data output in
receive mode
24
F4
DCLK
Digital output
Data clock for data in both receive and transmit mode
25
G4
PCLK
Digital input
Programming clock for 3-wire bus
26
D3
PDATA
Digital
input/output
Programming data for 3-wire bus. Programming data input for
write operation, programming data output for read operation
27
D2
PALE
Digital input
Programming address latch enable for 3-wire bus. Internal pull-up.
28
E3
RSSI/IF
Analog output
The pin can be used as RSSI or 10.7 MHz IF output to optional
external IF and demodulator. If not used, the pin should be left
open (not connected).
A=Analog, D=Digital
(Top View)
1
14
15
AVDD
AGND
RF_IN
RF_OUT
AVDD
AGND
AGND
AGND
AVDD
L1
L2
R_BIAS
CHP_OUT
AGND
2
3
4
6
5
7
8
9
11
12
13
10
28
RSSI/IF
PALE
PDATA
PCLK
DCLK
DIO
DGND
DVDD
DGND
AGND
XOSC_Q1
AGND
XOSC_Q2
AVDD
27
26
25
23
24
22
21
20
18
17
16
19
1
14
15
AVDD
AGND
RF_IN
RF_OUT
AVDD
AGND
AGND
AGND
AVDD
L1
L2
R_BIAS
CHP_OUT
AGND
2
3
4
6
5
7
8
9
11
12
13
10
28
RSSI/IF
PALE
PDATA
PCLK
DCLK
DIO
DGND
DVDD
DGND
AGND
XOSC_Q1
AGND
XOSC_Q2
AVDD
RSSI/IF
PALE
PDATA
PCLK
DCLK
DIO
DGND
DVDD
DGND
AGND
XOSC_Q1
AGND
XOSC_Q2
AVDD
27
26
25
23
24
22
21
20
18
17
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com