Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 51 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 47Page - Texas Instruments CC1000-RWP2 Datasheet HTML 48Page - Texas Instruments CC1000-RWP2 Datasheet HTML 49Page - Texas Instruments CC1000-RWP2 Datasheet HTML 50Page - Texas Instruments CC1000-RWP2 Datasheet HTML 51Page - Texas Instruments CC1000-RWP2 Datasheet HTML 52Page - Texas Instruments CC1000-RWP2 Datasheet HTML 53Page - Texas Instruments CC1000-RWP2 Datasheet HTML 54Page - Texas Instruments CC1000-RWP2 Datasheet HTML 55Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
CC1000
SWRS048A
Page 51 of 55
32. Plastic Tube Specification
TSSOP 4.4mm (.173”) antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube
Length
Units per Tube
TSSOP 28
268 mil
80 mil
20”
50
33. Waffle Pack Specification
Waffle Pack Specification
Package
Waffle Pack
Width
Waffle Pack Length
Waffle Pack Length
Units per Waffle Pack
UltraCSP™
50.8 mm
50.8 mm
3.96 mm
117
34. Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
TSSOP 28
16 mm
8 mm
4 mm
13”
2500
UltraCSP™
12 mm
8 mm
4 mm
4 mm
2500
Note: UltraCSP™ Tape and reel illustration only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com