Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 7Page - Texas Instruments CC1000-RWP2 Datasheet HTML 8Page - Texas Instruments CC1000-RWP2 Datasheet HTML 9Page - Texas Instruments CC1000-RWP2 Datasheet HTML 10Page - Texas Instruments CC1000-RWP2 Datasheet HTML 11Page - Texas Instruments CC1000-RWP2 Datasheet HTML 12Page - Texas Instruments CC1000-RWP2 Datasheet HTML 13Page - Texas Instruments CC1000-RWP2 Datasheet HTML 14Page - Texas Instruments CC1000-RWP2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
CC1000
SWRS048A
Page 11 of 55
CC1000 TSSOP package
Item
315 MHz
433 MHz
868 MHz
915 MHz
C31
8.2 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
10 pF, 5%, C0G, 0603
10 pF, 5%, C0G, 0603
C41
2.2 pF, 5%, C0G, 0603
8.2 pF, 5%, C0G, 0603
Not used
Not used
C42
5.6 pF, 5%, C0G, 0603
5.6 pF, 5%, C0G, 0603
4.7 pF, 5%, C0G, 0603
4.7 pF, 5%, C0G, 0603
C171
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
C181
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
L32
39 nH, 10%, 0805
(Coilcraft 0805CS-390XKBC)
68 nH, 10%, 0805
(Coilcraft 0805CS-680XKBC)
120 nH, 10%, 0805
(Coilcraft 0805CS-121XKBC)
120 nH, 10%, 0805
(Coilcraft 0805CS-121XKBC)
L41
20 nH, 10%, 0805
(Coilcraft 0805HQ-
20NXKBC)
6.2 nH, 10%, 0805
(Coilcraft 0805HQ-
6N2XKBC)
2.5 nH, 10%, 0805
(Coilcraft 0805HQ-
2N5XKBC)
2.5 nH, 10%, 0805
(Coilcraft 0805HQ-
2N5XKBC)
L101
56 nH, 5%, 0805
(Koa KL732ATE56NJ)
33 nH, 5%, 0805
(Koa KL732ATE33NJ)
4.7 nH, 5%, 0805
(Koa KL732ATE4N7C)
4.7 nH, 5%, 0805
(Koa KL732ATE4N7C)
R131
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
CC1000 UltraCSP™ package
Item
315 MHz
433 MHz
868 MHz
915 MHz
C31
8.2 pF, 5%, C0G, 0402
15 pF, 5%, C0G, 0402
10 pF, 5%, C0G, 0402
10 pF, 5%, C0G, 0402
C41
Not used
Not used
Not used
Not used
C42
4.7 pF, 5%, C0G, 0402
4.7 pF, 5%, C0G, 0402
6.8 pF, 5%, C0G, 0402
6.8 pF, 5%, C0G, 0402
C171
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
C181
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
18 pF, 5%, C0G, 0402
L32
39 nH, 5%, 0402
(Ceramic multilayer)
68 nH, 5%, 0402
(Ceramic multilayer)
120 nH, 5%, 0402
(Ceramic multilayer)
120 nH, 5%, 0402
(Ceramic multilayer)
L41
22 nH, 5%, 0402
(Ceramic multilayer)
15 nH, 5%, 0402
(Ceramic multilayer)
2.7 nH, 5%, 0402
(Ceramic multilayer)
2.7 nH, 5%, 0402
(Ceramic multilayer)
L101
56 nH, 5%, 0402
(Thin film inductor)
33 nH, 5%, 0402
(Thin film inductor)
7.5 nH, 5%, 0402
(Thin film inductor)
7.5 nH, 5%, 0402
(Thin film inductor)
R131
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
Note: Items shaded are different for different frequencies
Table 1. Bill of materials for the application circuit
Note
that
the
component
values
for
868/915 MHz can be the same. However,
it is important the layout is optimised for
the selected VCO inductor in order to
centre
the
tuning
range
around
the
operating
frequency
to
account
for
inductor tolerance. The VCO inductor
must
be
placed
very
close
and
symmetrical with respect to the pins (L1
and
L2).
Chipcon provide reference layouts that
should be followed very closely in order to
achieve
the
best
performance.
The
reference design can be downloaded from
the
Chipcon
website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com