Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 41Page - Texas Instruments CC1000-RWP2 Datasheet HTML 42Page - Texas Instruments CC1000-RWP2 Datasheet HTML 43Page - Texas Instruments CC1000-RWP2 Datasheet HTML 44Page - Texas Instruments CC1000-RWP2 Datasheet HTML 45Page - Texas Instruments CC1000-RWP2 Datasheet HTML 46Page - Texas Instruments CC1000-RWP2 Datasheet HTML 47Page - Texas Instruments CC1000-RWP2 Datasheet HTML 48Page - Texas Instruments CC1000-RWP2 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
CC1000
SWRS048A
Page 45 of 55
MODEM0 Register (11h)
REGISTER
NAME
Default
value
Active
Description
MODEM0[7]
-
-
-
Not used
MODEM0[6:4]
BAUDRATE[2:0]
010
-
000 : 0.6 kBaud
001 : 1.2 kBaud
010 : 2.4 kBaud
011 : 4.8 kBaud
100 : 9.6 kBaud
101 : 19.2, 38.4 and 76.8 kBaud
110 : Not used
111 : Not used
MODEM0[3:2]
DATA_FORMAT[1:0]
01
-
00 : NRZ operation.
01 : Manchester operation
10 : Transparent Asyncronous UART operation
11 : Not used
MODEM0[1:0]
XOSC_FREQ[1:0]
00
-
Selection of XTAL frequency range
00 : 3MHz – 4MHz crystal, 3.6864MHz
recommended
Also used for 76.8 kBaud, 14.7456MHz
01 : 6MHz – 8MHz crystal, 7.3728MHz
recommended
Also used for 38.4 kBaud, 14.7456MHz
10 : 9MHz – 12MHz crystal, 11.0592 MHz
recommended
11 : 12MHz – 16MHz crystal, 14.7456MHz
recommended
MATCH Register (12h)
REGISTER
NAME
Default
value
Active
Description
MATCH[7:4]
RX_MATCH[3:0]
0000
-
Selects matching capacitor array value for
RX, step size is 0.4 pF
0001: Use for RF frequency > 500 MHz
0111: Use for RF frequency < 500 MHz
MATCH[3:0]
TX_MATCH[3:0]
0000
-
Selects matching capacitor array value for
TX, step size is 0.4 pF
FSCTRL Register (13h)
REGISTER
NAME
Default
value
Active
Description
FSCTRL[7:4]
-
-
-
Not used
FSCTRL[3:1]
Reserved
FSCTRL[0]
FS_RESET_N
1
L
Separate reset of frequency synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com