Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 3Page - Texas Instruments CC1000-RWP2 Datasheet HTML 4Page - Texas Instruments CC1000-RWP2 Datasheet HTML 5Page - Texas Instruments CC1000-RWP2 Datasheet HTML 6Page - Texas Instruments CC1000-RWP2 Datasheet HTML 7Page - Texas Instruments CC1000-RWP2 Datasheet HTML 8Page - Texas Instruments CC1000-RWP2 Datasheet HTML 9Page - Texas Instruments CC1000-RWP2 Datasheet HTML 10Page - Texas Instruments CC1000-RWP2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
CC1000
SWRS048A
Page 7 of 55
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Current Consumption,
receive mode 433/868 MHz
7.4/9.6
mA
Current is programmable and can
be increased for improved
sensitivity
Current Consumption,
average in receive mode using
polling 433/868 MHz
74/96
µA
Polling controlled by micro-
controller using 1:100 receive to
power down ratio
Current Consumption,
transmit mode 433/868 MHz:
P=0.01mW (-20 dBm)
P=0.3 mW (-5 dBm)
P=1 mW (0 dBm)
P=3 mW (5 dBm)
P=10 mW (10 dBm)
5.3/8.6
8.9/13.8
10.4/16.5
14.8/25.4
26.7/NA
mA
mA
mA
mA
mA
The ouput power is delivered to a
50
Ω load, see also p. 32
Current Consumption, crystal osc.
Current Consumption, crystal osc.
And bias
Current Consumption, crystal osc.,
bias and synthesiser, RX/TX
30
80
105
860
4/5
5/6
µA
µA
µA
µA
mA
mA
3-8 MHz, 16 pF load
9-14 MHz, 12 pF load
14-16 MHz, 16 pF load
< 500 MHz
> 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com