Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 52 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 47Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 48Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 49Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 50Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 51Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 52Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 53Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 54Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Part numbering
M25P16
52/55
12
Part numbering
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 50MHz (0.11µm, process digit “4”), please
contact your nearest ST Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 23.
Ordering information scheme
Example:
M25P16
–
V ME 6
T P
Device Type
M25P = Serial Flash Memory for Code Storage
Device Function
16 = 16 Mbit (2 Mb × 8)
Operating Voltage
V = VCC = 2.7 V to 3.6 V
Package
MP = VFQFPN8 6 × 5 mm (MLP8)
ME = VDFPN8 8 × 6 mm (MLP8)(1)
1.
Not for New Design, please use VFQFPN8 6 × 5 mm.
MF = SO16 (300 mils width)
MN = SO8N (150 mils width)
MW = SO8W (208 mils width)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3(2) = Automotive temperature range, –40 to 125 °C.
Device tested with High Reliability Certified Flow.
2.
Grade 3 is available only in devices delivered in SO8N packages.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com