Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 25 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 21Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 22Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 23Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 24Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 25Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 26Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 27Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 28Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
M25P16
Instructions
25/55
The protection features of the device are summarized in Table 7.
When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless
of the whether Write Protect (W) is driven High or Low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two
cases need to be considered, depending on the state of Write Protect (W):
●
If Write Protect (W) is driven High, it is possible to write to the Status Register provided
that the Write Enable Latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction.
●
If Write Protect (W) is driven Low, it is not possible to write to the Status Register even
if the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN)
instruction. (Attempts to write to the Status Register are rejected, and are not accepted
for execution). As a consequence, all the data bytes in the memory area that are
software protected (SPM) by the Block Protect (BP2, BP1, BP0) bits of the Status
Register, are also hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be
entered:
●
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W)
Low
●
or by driving Write Protect (W) Low after setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write
Protect (W) High.
If Write Protect (W) is permanently tied High, the Hardware Protected Mode (HPM) can
never be activated, and only the Software Protected Mode (SPM), using the Block Protect
(BP2, BP1, BP0) bits of the Status Register, can be used.
Table 7.
Protection modes
W
Signal
SRWD
Bit
Mode
Write Protection of the
Status Register
Memory Content
Protected Area(1)
1.
As defined by the values in the Block Protect (BP2, BP1, BP0) bits of the Status Register, as shown in
Unprotected
Area(1)
10
Software
Protected
(SPM)
Status Register is Writable
(if the WREN instruction
has set the WEL bit)
The values in the SRWD,
BP2, BP1 and BP0 bits
can be changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program and
Sector Erase
instructions
00
11
01
Hardware
Protected
(HPM)
Status Register is
Hardware write protected
The values in the SRWD,
BP2, BP1 and BP0 bits
cannot be changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program and
Sector Erase
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com