Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 34 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 30Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 31Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 32Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 33Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 34Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 35Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 36Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 37Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Instructions
M25P16
34/55
Figure 19.
Release from Deep Power-down and Read Electronic Signature (RES) instruction
sequence and data-out sequence
1.
The value of the 8-bit Electronic Signature, for the M25P16, is 14h.
Figure 20.
Release from Deep Power-down (RES) instruction sequence
Driving Chip Select (S) High after the 8-bit instruction byte has been received by the device, but before
the whole of the 8-bit Electronic Signature has been transmitted for the first time (as shown in Figure 20),
still ensures that the device is put into Stand-by Power mode. If the device was not previously in the Deep
Power-down mode, the transition to the Stand-by Power mode is immediate. If the device was previously
in the Deep Power-down mode, though, the transition to the Stand-by Power mode is delayed by tRES1,
and Chip Select (S) must remain High for at least tRES1(max), as specified in Table 15. Once in the
Stand-by Power mode, the device waits to be selected, so that it can receive, decode and execute
instructions.
C
D
AI04047C
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
765432
0
1
High Impedance
Electronic Signature Out
Instruction
3 Dummy Bytes
0
MSB
Stand-by Mode
Deep Power-down Mode
MSB
tRES2
C
D
AI04078B
S
2
1
34567
0
tRES1
Stand-by Mode
Deep Power-down Mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com