Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 21 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 17Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 18Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 19Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 20Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 21Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 22Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 23Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 24Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
M25P16
Instructions
21/55
6.3
Read Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be
read, followed by two bytes of device identification. The manufacturer identification is
assigned by JEDEC, and has the value 20h for STMicroelectronics. The device identification
is assigned by the device manufacturer, and indicates the memory type in the first byte
(20h), and the memory capacity of the device in the second byte (15h).
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The Read Identification (RDID) instruction should not be issued while the device is in Deep
Power-down mode.
The device is first selected by driving Chip Select (S) Low. Then, the 8-bit instruction code
for the instruction is shifted in. This is followed by the 24-bit device identification, stored in
the memory, being shifted out on Serial Data Output (Q), each bit being shifted out during
the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The Read Identification (RDID) instruction is terminated by driving Chip Select (S) High at
any time during data output.
When Chip Select (S) is driven High, the device is put in the Stand-by Power mode. Once in
the Stand-by Power mode, the device waits to be selected, so that it can receive, decode
and execute instructions.
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence
Table 5.
Read Identification (RDID) data-out sequence
Manufacturer Identification
Device Identification
Memory Type
Memory Capacity
20h
20h
15h
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI06809b
Q
Manufacturer Identification
High Impedance
MSB
15 14 13
3210
Device Identification
MSB
16 17 18
28 29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com