Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 17 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 13Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 14Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 15Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 16Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 17Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 18Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 19Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 20Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
M25P16
Memory organization
17/55
Table 3.
Memory organization
Sector
Address Range
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
22
160000h
16FFFFh
21
150000h
15FFFFh
20
140000h
14FFFFh
19
130000h
13FFFFh
18
120000h
12FFFFh
17
110000h
11FFFFh
16
100000h
10FFFFh
15
0F0000h
0FFFFFh
14
0E0000h
0EFFFFh
13
0D0000h
0DFFFFh
12
0C0000h
0CFFFFh
11
0B0000h
0BFFFFh
10
0A0000h
0AFFFFh
9
090000h
09FFFFh
8
080000h
08FFFFh
7
070000h
07FFFFh
6
060000h
06FFFFh
5
050000h
05FFFFh
4
040000h
04FFFFh
3
030000h
03FFFFh
2
020000h
02FFFFh
1
010000h
01FFFFh
0
000000h
00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com