Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 33 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 29Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 30Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 31Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 32Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 33Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 34Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 35Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 36Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
M25P16
Instructions
33/55
6.12
Release from Deep Power-down and Read Electronic
Signature (RES)
To take the device out of Deep Power-down mode, the Release from Deep Power-down and
Read Electronic Signature (RES) instruction must be issued. No other instruction must be
issued while the device is in Deep Power-down mode.
The instruction can also be used to read, on Serial Data Output (Q), the old-style 8-bit
Electronic Signature, whose value for the M25P16 is 14h.
Please note that this is not the same as, or even a subset of, the JEDEC 16-bit Electronic
Signature that is read by the Read Identifier (RDID) instruction. The old-style Electronic
Signature is supported for reasons of backward compatibility, only, and should not be used
for new designs. New designs should, instead, make use of the JEDEC 16-bit Electronic
Signature, and the Read Identifier (RDID) instruction.
Except while an Erase, Program or Write Status Register cycle is in progress, the Release
from Deep Power-down and Read Electronic Signature (RES) instruction always provides
access to the old-style 8-bit Electronic Signature of the device, and can be applied even if
the Deep Power-down mode has not been entered.
Any Release from Deep Power-down and Read Electronic Signature (RES) instruction while
an Erase, Program or Write Status Register cycle is in progress, is not decoded, and has no
effect on the cycle that is in progress.
The device is first selected by driving Chip Select (S) Low. The instruction code is followed
by 3 dummy bytes, each bit being latched-in on Serial Data Input (D) during the rising edge
of Serial Clock (C). Then, the old-style 8-bit Electronic Signature, stored in the memory, is
shifted out on Serial Data Output (Q), each bit being shifted out during the falling edge of
Serial Clock (C).
The instruction sequence is shown in Figure 19.
The Release from Deep Power-down and Read Electronic Signature (RES) instruction is
terminated by driving Chip Select (S) High after the Electronic Signature has been read at
least once. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is
driven Low, cause the Electronic Signature to be output repeatedly.
When Chip Select (S) is driven High, the device is put in the Stand-by Power mode. If the
device was not previously in the Deep Power-down mode, the transition to the Stand-by
Power mode is immediate. If the device was previously in the Deep Power-down mode,
though, the transition to the Stand-by Power mode is delayed by tRES2, and Chip Select (S)
must remain High for at least tRES2(max), as specified in Table 15. Once in the Stand-by
Power mode, the device waits to be selected, so that it can receive, decode and execute
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com