Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 30 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 26Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 27Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 28Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 29Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 30Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 31Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 32Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 33Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Instructions
M25P16
30/55
6.9
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it
can be accepted, a Write Enable (WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded, the device sets the Write
Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on Serial Data Input (D). Any address inside the
Sector (see Table 3) is a valid address for the Sector Erase (SE) instruction. Chip Select (S)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 16.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the Sector Erase (SE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed Sector Erase cycle (whose duration is tSE) is
initiated. While the Sector Erase cycle is in progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified
time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a page which is protected by the Block Protect
(BP2, BP1, BP0) bits (see Table 2 and Table 3) is not executed.
Figure 16.
Sector Erase (SE) instruction sequence
1.
Address bits A23 to A21 are Don’t Care.
24 Bit Address
C
D
AI03751D
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com