Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 50 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 46Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 47Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 48Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 49Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 50Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 51Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 52Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 53Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Package mechanical
M25P16
50/55
Figure 30.
SO8W – 8 lead Plastic Small Outline, 208 mils body width, package
outline
1.
Drawing is not to scale.
Table 21.
SO8 wide – 8 lead Plastic Small Outline, 208 mils body width,
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A2.50
0.098
A1
0.00
0.25
0.000
0.010
A2
1.51
2.00
0.059
0.079
b
0.40
0.35
0.51
0.016
0.014
0.020
c
0.20
0.10
0.35
0.008
0.004
0.014
CP
0.10
0.004
D6.05
0.238
E
5.02
6.22
0.198
0.245
E1
7.62
8.89
0.300
0.350
e1.27–
–
0.050
–
–
k
0°
10°
0°
10°
L
0.50
0.80
0.020
0.031
N8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com