Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6G Datasheet(PDF) 27 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 23Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 24Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 25Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 26Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 27Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 28Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 29Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 30Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
M25P16
Instructions
27/55
6.7
Read Data Bytes at Higher Speed (FAST_READ)
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Data Bytes at Higher Speed (FAST_READ) instruction is followed by a 3-byte address (A23-
A0) and a dummy byte, each bit being latched-in during the rising edge of Serial Clock (C).
Then the memory contents, at that address, is shifted out on Serial Data Output (Q), each
bit being shifted out, at a maximum frequency fC, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 14.
The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes at Higher Speed (FAST_READ)
instruction. When the highest address is reached, the address counter rolls over to
000000h, allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ) instruction is terminated by driving
Chip Select (S) High. Chip Select (S) can be driven High at any time during data output. Any
Read Data Bytes at Higher Speed (FAST_READ) instruction, while an Erase, Program or
Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
Figure 14.
Read Data Bytes at Higher Speed (FAST_READ) instruction sequence
and data-out sequence
1.
Address bits A23 to A21 are Don’t Care.
C
D
AI04006
S
Q
23
2
1
3456789 10
28 29 30 31
22 21
3210
High Impedance
Instruction
24 BIT ADDRESS
0
C
D
S
Q
32 33 34
36 37 38 39 40 41 42 43 44 45 46
765432
0
1
DATA OUT 1
Dummy Byte
MSB
7
6543210
DATA OUT 2
MSB
MSB
7
47
765432
0
1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com