Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 9 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 9 Page - ams AG

Back Button AS5116 Datasheet HTML 5Page - ams AG AS5116 Datasheet HTML 6Page - ams AG AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG AS5116 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Document Feedback
AS5116
Electrical Characteristics
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 9
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I_OUT_3V
Output Current 3V3
Operation
2
mA
External Components
Rpu
Pull up resistor in Figure 28
and Figure 29
10
100
k
Ω
Cout
Output capacitors C1, C2,
C3 and C4 in Figure 28 and
Figure 29
0.5
10
nF
Figure 7:
Key Performance Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INL_error (1)
Based on Sensor
Internal Imperfections
-40 °C to 150 °C
0.5
1
degree
INL_error + Magnet (1)
Non-Linearity @
Displacement of Magnet
and Temperature
-40 °C to 150 °C
Assuming N35H
Magnet (D=8 mm, H=3 mm)
500
μm displacement in x
and y.
Package to magnet gap
1700
μm
0.6
1.2
degree
SINCOS_ORT_error (2)
Orthogonality Error.
Defines deviation of
ideal phase shift of 90°
between SIN and COS
output signals
Based on maximum
INL_error.
-2
2
degree
SINCOS_GAIN_error (2)
Gain Mismatch between
SIN and COS channel
Based on maximum
INL_error
-3.5
3.5
%
NOISE5V
Maximum RMS Noise.
Depending on Gain
Configuration (see
Figure 10).
VDD = 5 V (5 V operation)
2.47
mVrms
NOISE3V3
Maximum RMS Noise.
Depending on Gain
Configuration (see
Figure 10).
VDD = 3.3 V (3V3 operation)
2.61
mVrms
TD
Propagation Delay
12
16
20
µs
M
Magnetic Sensitivity
Differential Output Mode
8
60
mV/mT
GV
Gain Variation at 25 °C
Variation of selected
absolute GAIN
(Part to Part Variation)
-16
16
%
GV_Temp_AS5116 (3)
Gain Variation Over
Temperature
-40°C to 150 °C
(Gain drift of one single
sensor)
-0.105
-0.05
0
%/°C
GV_Temp_AS5116A (4)
Gain Variation Over
Temperature
-40 °C to 150 °C
(Gain drift of one single
sensor)
-0.075
-0.03
0
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com