Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 14 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 14 Page - ams AG

Back Button AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG AS5116 Datasheet HTML 13Page - ams AG AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Document Feedback
AS5116
Functional Description
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 14
Figure 12:
Single-Ended Output Behavior
2π
180°
360°
90°
270°
VCM
Angle Position
SINP
CM_SIN
COSP
CM_COS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com