Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 3 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 3 Page - ams AG

  AS5116 Datasheet HTML 1Page - ams AG AS5116 Datasheet HTML 2Page - ams AG AS5116 Datasheet HTML 3Page - ams AG AS5116 Datasheet HTML 4Page - ams AG AS5116 Datasheet HTML 5Page - ams AG AS5116 Datasheet HTML 6Page - ams AG AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Document Feedback
AS5116
General Description
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 3
1
General Description
The AS5116 is a contactless magnetic position sensor for accurate angular measurement over a full
mechanical turn of 360°.
Based on the Hall sensor technology, this device has a robust architecture that measures the
orthogonal component of the flux density (Bz), over a full-turn rotation. To measure the angle, only a
simple two-pole magnet rotating over the center of the package is required. The magnet can be placed
above or below the device.
The absolute angle measurement provides an instant indication of the magnet’s angular position. The
angle information is provided by means of buffered differential sine and cosine voltages. The AS5116
operates at a supply voltage of 5 V or 3.3 V.
1.1
Key Benefits & Features
The benefits and features of AS5116, On-Axis Magnetic Position Sensor with Analog Sine-Cosine
Outputs, are listed below:
Figure 1:
Added Value of Using AS5116
Benefits
Features
Highest reliability and durability
Contactless angle measurement
Accurate angle measurement
Low output noise
Low system costs
– no shielding required
Low inherent INL
Enabler for safety critical applications
Magnetic stray field immunity overachieves ISO
11452-8
High precision analog output
Developed according to ISO26262
Small form factor
Fully differential buffered sine and cosine output
signals
Fully automotive qualified
AEC
– Q100, Grade 0
1.2
Applications
●
Rotor angle sensing of electric commutated motors
●
Electric power steering systems
●
Electric pumps
●
Actuators in transmission systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com