Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 12 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 12 Page - ams AG

Back Button AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG AS5116 Datasheet HTML 13Page - ams AG AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Document Feedback
AS5116
Functional Description
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 12
6.2
Gain Configuration
The amplitudes of the output voltages are directly proportional to the Bz field of the magnet above the
sensor. The user can select the appropriate Gain Setting out of 25 possible steps.
Figure 10:
Gain Table(1)
(1)
Gain table representing typical values, maximum Part-to-Part gain variation GV is separately specified.
Gain_Code
CONFIG2 Register
0x17 <1:5>
GAIN [mV/mT]
5V Operation Mode
Maximum RMS-
Noise [mV]
5V Operation Mode
GAIN [mV/mT]
3V3 Operation Mode
Maximum RMS-
Noise [mV]
3V3 Operation Mode
0
8
0.51
8
0.51
1
10
0.51
10
0.68
2
12
0.51
12
0.72
3
13.5
0.68
13
1.53
4
16
0.68
16
0.96
5
18
0.72
18
1.08
6
20
0.96
19.5
1.14
7
22.5
1.08
21.5
1.35
8
24
0.96
23
1.35
9
26.5
1.25
26
1.53
10
26.5
1.65
26.5
1.65
11
29
1.35
28.5
1.65
12
31.5
1.25
30
1.74
13
32.5
2.02
32.5
2.02
14
35
1.35
35
2.02
15
35.5
1.65
35.5
2.20
16
39
1.53
38
2.20
17
40
2.47
40
2.47
18
42.5
1.65
42.5
2.47
19
45
1.74
45
2.61
20
47.5
2.20
45
2.61
21
52
2.02
45
2.61
22
53.5
2.47
45
2.61
23
57
2.20
45
2.61
24
60
2.32
45
2.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com