Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 19 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 19 Page - ams AG

Back Button AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG AS5116 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Document Feedback
AS5116
Digital Interface
– UART
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 19
7.1.4
CONFIG2 Register
– 0x17
CONFIG 2 Register includes the sensitivity settings and a bit to enable the diagnostic mode.
Figure 21:
CONFIG2 Register
Bit Position
Bit Name
Default
Description
0
Diag_EN
0
Enables diagnostic mode
when the bit is set to “1”
1:5
Gain_Code
0
Defines the sensitivity of the sensor
6:7
n.a.
0
Not applicable
7.1.5
CUST_CHIP_ID1 Register
– 0x18
Figure 22:
CUST_CHIP_ID1
Bit Position
Bit Name
Default
Description
0:7
CUST_CHIP_ID1
0
Spare bits for customized tracking information
7.1.6
CUST_CHIP_ID2 Register
– 0x19
Figure 23:
CUST_CHIP_ID2
Bit Position
Bit Name
Default
Description
0:7
CUST_CHIP_ID2
0
Spare bits for customized tracking information
7.1.7
CUST_CHIP_ID3 Register
– 0x1A
Figure 24:
CUST_CHIP_ID3
Bit Position
Bit Name
Default
Description
0:7
CUST_CHIP_ID3
0
Spare bits for customized tracking information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com