Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 22 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 22 Page - ams AG

Back Button AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG AS5116 Datasheet HTML 23Page - ams AG AS5116 Datasheet HTML 24Page - ams AG AS5116 Datasheet HTML 25Page - ams AG AS5116 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Document Feedback
AS5116
Application Information
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 22
9
Application Information
Several wiring options and configurations of AS5116 are possible. The most likely used options are
shown in the following section.
9.1
Differential Mode
By default, the configuration of the sensor is in differential output mode. Positive SINP and COSP
signals, as well as the inverted SINN and COSN signals are provided.
This is the recommended output configuration, due to the best common mode rejection. Fully
differential inputs are required on controller side. To improve the angle accuracy, a one-time end of
line calibration of offset and gain error is recommended before calculating the angle position.
9.1.1
Minimum Wiring Diagram
Figure 28:
AS5116 Minimum Wiring Diagram, Differential Output Mode
(1)
C1=C2=C3=C3=C4=Cout
(2)
Parameters for Cout and Rpu are described in chapter “Electrical Characteristics”
SINN
VSS
VDD5
SINP
VDD3
UART
AS5116
C4
C3
C2
C1
C5
Controller Unit
C6
Diff. Input
ADC
COS
Diff. Input
ADC
SIN
COSN
COSP
SINP
SINN
UART
VDD5
4.5 – 5.5 V
GND
in/out
Angle
Calcualation
100 nF
1 µF
GND
Recommended
COSN
COSP
Rpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com