Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 32 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 32 Page - ams AG

Back Button AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG AS5116 Datasheet HTML 28Page - ams AG AS5116 Datasheet HTML 29Page - ams AG AS5116 Datasheet HTML 30Page - ams AG AS5116 Datasheet HTML 31Page - ams AG AS5116 Datasheet HTML 32Page - ams AG AS5116 Datasheet HTML 33Page - ams AG AS5116 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Document Feedback
AS5116
Mechanical Data
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 32
13
Mechanical Data
Figure 42:
SOIC8 Die Placement and Hall Array Position
(1)
All dimensions in micrometers
(2)
The Hall array center is located in the center of the IC package. Hall array radius is 1.1 mm.
(3)
Die thickness is 356 µm nominal
(4)
Adhesive thickness 20 ± 10 µm
(5)
Leadframe downset 200 ± 25 µm
(6)
Leadframe thickness 200 ± 8 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com