Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 29 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 29 Page - ams AG

Back Button AS5116 Datasheet HTML 25Page - ams AG AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG AS5116 Datasheet HTML 28Page - ams AG AS5116 Datasheet HTML 29Page - ams AG AS5116 Datasheet HTML 30Page - ams AG AS5116 Datasheet HTML 31Page - ams AG AS5116 Datasheet HTML 32Page - ams AG AS5116 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Document Feedback
AS5116
Preconfigured Versions
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 29
Figure 36:
AS5116B
– Output Behavior
Figure 37:
AS5116B
– Wiring Diagram, Differential Output Mode
(1)
C1=C2=C3=C3=C4=Cout
(2)
Parameters for Cout and Rpu are described in chapter “Electrical Characteristics”
SINN
VSS
VDD5
SINP
VDD3
UART
AS5116
C4
C3
C2
C1
C5
Controller Unit
C6
Diff. Input
ADC
COS
Diff. Input
ADC
SIN
COSN
COSP
SINP
SINN
UART
VDD5
4.5 – 5.5 V
GND
in/out
Angle
Calcualation
100 nF
1 µF
GND
Recommended
COSN
COSP
Rpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com