Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116 Datasheet(PDF) 13 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 13 Page - ams AG

Back Button AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG AS5116 Datasheet HTML 13Page - ams AG AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Document Feedback
AS5116
Functional Description
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 13
6.3
Behavior of Sensor Outputs
Following graphs show the behavior at different output settings over one mechanical 360° rotation.
6.3.1
Differential Output Mode (Default Setting)
Positive SINP and COSP signals in combination with inverted SINN and COSN are provided via the
output pins of the sensor. High immunity against common cause errors, evoked by the environment of
the sensor, is given due to the differential signal transmission. Fully differential signal inputs are
required to digitize the analog outputs. VCM is defined via OTP programming.
Figure 11:
Differential Output Behavior
6.3.2
Single-Ended Output Mode
Positive SINP and COSP signals in combination with the configured VCM level on CM_SIN and
CM_COS are provided via the output pins of the sensor. To achieve best accuracy performance, fully
differential signal inputs are recommended to digitize the analog outputs. As an alternative, single-
ended measurement of all output signals with associated data processing (SINP - CM_SIN, COSP -
CM_COS) is as well possible.
2π
180°
360°
90°
270°
Angle Position
SINP
SINN
COSP
COSN
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com