Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 6Page - MPS Industries, Inc. MP5921 Datasheet HTML 7Page - MPS Industries, Inc. MP5921 Datasheet HTML 8Page - MPS Industries, Inc. MP5921 Datasheet HTML 9Page - MPS Industries, Inc. MP5921 Datasheet HTML 10Page - MPS Industries, Inc. MP5921 Datasheet HTML 11Page - MPS Industries, Inc. MP5921 Datasheet HTML 12Page - MPS Industries, Inc. MP5921 Datasheet HTML 13Page - MPS Industries, Inc. MP5921 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
10
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = RIMON = 2kΩ, TA = +25°C, unless otherwise noted.
Safe Operating Area
Tested on EV5921-V-00A
4-Layers, 2oZ each layer, 11cmx12.07cm
VDD3 Load Regulation
Case Temperature Rise
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
2
4
6
8
10
12
14
16
18
20
IDD3 (mA)
0
20
40
60
80
100
120
35
40
45
50
55
60
65
OUTPUT CURRENT (A)
No Air Flow
Air Flow=100ft/min
Air Flow=200ft/min
IMON Gain Accuracy
vs. Output Current and Temperature
Single Pulse Power Limit before OTP
-4
-3
-2
-1
0
1
2
3
4
0
5
10
15
20
25
30
35
40
45
50
OUTPUT CURRENT (A)
TA= 0 oC
TA= 25 oC
TA= 40 oC
TA= 60 oC
TA= 80 oC
0
50
100
150
200
250
300
350
400
450
1
10
100
Single Pulse Time (ms)
TA=+25°C
TA=+55°C
Limited by IDM
Limited by
RDS_ON
R
θJA=18.5
o
C/W
T
JMAX=150
o
C Max Rated
T
A=25
o
C
Single Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com