Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 17 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 17 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 13Page - MPS Industries, Inc. MP5921 Datasheet HTML 14Page - MPS Industries, Inc. MP5921 Datasheet HTML 15Page - MPS Industries, Inc. MP5921 Datasheet HTML 16Page - MPS Industries, Inc. MP5921 Datasheet HTML 17Page - MPS Industries, Inc. MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
17
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
t
VGS
VOUT
GOK
ON/PD
VCS
e.g., 300 mV
>1.4 V
Maximum SS time 270 ms
VGS_TH
VCLREF_SS
Thermal
shut down
Figure 3: Failed Start-Up within 270ms
Current Limit at Normal Operation
When the output voltage has ramped up close
to VIN, and VOUT is higher than 80%VIN, the
internal current limit reference clamp voltage is
released to 1.6V, and the power FET gate
voltage is close to the internal charge pump
voltage. Once the MP5921 detects that the
start-up has finished, the part works in normal
operation.
During normal operation, once VCS (which is
programmed by an external resistor) exceeds
the normal CLREF threshold, the internal circuit
regulates the gate voltage to hold the power
FET constant. To limit the current, the gate to
the source voltage needs to be regulated from
3.3V to around 1V. The typical response time is
about 14µs. The output current may have a
small overshoot during this time period.
When the current limit is triggered, the internal
fault timer starts. If the output current falls
below the current limit threshold before the end
of the 180µs fault time-out period, the MP5921
resumes normal operation. Otherwise, if the
current limit duration exceeds the fault time-out
period, the power FET is latched off and GOK is
pulled low.
The desired current limit at normal operation is
a function of the CS external resistor (RCS).
The MP5921 current limit value can be higher
than
the
normal
maximum
load
current,
allowing tolerances in the current sense value.
The current limit can be set using Equation (2):
CS
CS
CLREF_NORM
LIMIT
R
g
V
I
=
(2)
Where VCLREF_NORM is the CLREF voltage in
normal operation, and gCS is 10µA/A, which is
the current sense gain when the power FET is
fully on. The FET works in the linear region.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold significantly before the hot-swap
control loop can respond. If the Intelli-Fuse
current reaches 100A, a fast turn-off circuit in
the Intelli-Fuse is activated to turn off the power
FET. The total short-circuit response time is
about 200ns. The GOK signal is pulled low
when the power FET current reaches 100A
current limit and asserts low.
Power-Up Sequence
For hot-swap applications, while the input
voltage rises immediately, the power FET gate
voltage should always be pulled low during the
VIN plug-in with high dV/dt.
There are two operation modes for the MP5921:
controlled
by
a
hot-swap
controller
or
standalone.
If MP5921 is controlled by a hot-swap controller,
the power FET remains off until the ON/PD
signal is pulled high. When the ON/PD signal
becomes high and the insertion delay time ends,
the power FET is charged up by the internal
12
μA charge pump. Once the MP5921 power
FET voltage (VGS) reaches its threshold (VGSTH),
the output voltage rises (see Figure 4). The
maximum VCS is clamped to VCLREF_SS if the load
current is high.
If the ON/PD signal stays high from the hot-
swap controller, the MP5921 can also be turned
on or off through the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com