Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 12Page - MPS Industries, Inc. MP5921 Datasheet HTML 13Page - MPS Industries, Inc. MP5921 Datasheet HTML 14Page - MPS Industries, Inc. MP5921 Datasheet HTML 15Page - MPS Industries, Inc. MP5921 Datasheet HTML 16Page - MPS Industries, Inc. MP5921 Datasheet HTML 17Page - MPS Industries, Inc. MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
16
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The
MP5921
is
a
monolithic,
high-side
MOSFET with
1mΩ RDS(ON) ideally suited for
multi-fuse hot-swap applications. The MP5921
can work in standalone operation or can be
controlled by a hot-swap controller for multi-
fuse operation. The MP5921 drives up to 50A of
continuous
current
per
device
at
room
temperature and can reach 60A with air flow.
The MP5921 limits inrush current to the load
when a circuit card is inserted into a live
backplane
power
source,
limiting
the
backplane’s
voltage
drop.
The
MP5921
provides an integrated solution to monitor the
output current and die temperature, eliminating
the need for an external current-sense power
resistor, power MOSFET, and thermal sense
device. It also provides monitored current and
temperature
information
feedback
to
the
processor or controller. The MP5921 limits the
internal MOSFET current by controlling the gate
voltage through the current-limit reference input
and soft-start ramp.
Current Limit at Start-Up
The MP5921 load current is limited by the
current limit reference input and the CS external
resistor. The CS voltage (VSC) is compared with
the current limit reference through an amplifier
to regulate the power FET gate voltage. This
prevents the Intelli-Fuse current from exceeding
the current-limit reference-defined current limit.
The
current-limit
reference
voltage
is
set
through CLREF and clamped low internally
during soft start to allow a controlled and
gradual ramp up of VOUT. Once VOUT is ramped
close to VIN, the current limit reference can be
raised to the full current limit level set by the
CLREF voltage. The power FET gate is fully
enhanced, and the e-fuse is ready to deliver full
power from the input.
To protect the MP5921 from overheating during
start-up, the current limit reference signal has
an internal maximum clamp that depends on
VIN and VOUT (see Figure 2). When VOUT <
80%VIN, the current limit reference is clamped
to
VBE
(around
635mV
with
a
negative
temperature coefficient). When VOUT ≥ 80%VIN,
the maximum current limit reference voltage is
clamped to 1.6V.
If the external CLREF voltage is lower than the
clamp voltage (VCLREF_CLAMP), the actual current
limit reference voltage is determined by the
CLREF voltage.
80%VIN
1.6V
VCLREF_CLAMP
0V
VOUT
0V
t
VBE
Figure 2: CLREF Clamp According to VOUT
The desired start-up current limit (ILIMIT_SS) is a
function of the CS resistor (RCS), start-up
current
sense
gain,
and
CLREF
voltage
(VCLREF_SS). The value of the current sense gain
at start-up is slightly higher than when the
power FET is fully on.
The VOUT power-up ramp time can be estimated
approximately with Equation (1):
OUT
LOAD
LIMIT_SS
IN
RAMP
C
)
I
-
(I
V
t
=
(1)
The VOUT ramp time varies with the load
condition and the output capacitor (COUT) while
adopting the CLREF current limit during start-up.
During start-up, once VCS exceeds VCLREF_SS,
the power FET gate voltage is regulated to hold
the FET current constant. If the power FET
remains on while VOUT remains lower than
90%VIN within the 270ms maximum soft-start
time, the power FET is shut down when the
270ms time ends. If the value of VCLREF_SS is
higher, the power FET start-up instantaneous
loss would be huge, triggering the thermal
shutdown threshold (143°C) before the 270ms
time ends and driving GOK low (see Figure 3).
During start-up, if VOUT is lower than 1/8*VIN
and the power FET current is regulated by VBE
for 2.1ms, the power FET is turned off as a
faulty latched condition, and GOK is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com