Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 23 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 23 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. MP5921 Datasheet HTML 22Page - MPS Industries, Inc. MP5921 Datasheet HTML 23Page - MPS Industries, Inc. MP5921 Datasheet HTML 24Page - MPS Industries, Inc. MP5921 Datasheet HTML 25Page - MPS Industries, Inc. MP5921 Datasheet HTML 26Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
23
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit Resistor (RCS)
The MP5921
’s normal current limit value should
be higher than the normal maximum load
current, allowing the tolerances in the current
sense value. The current limit can be set with
Equation (10):
(A)
10
R
V
I
5
CS
CLREF_NORM
LIMIT
=
(10)
Where VCLREF_NORM is the CLREF voltage when
the power FET works in linear mode, and RCS is
the resistor from CS to ground
(Ω).
If RCS is set to 3kΩ, and VCLREF_NORM is 1.2V, the
desired current limit is around 40A. When
VCLREF_NORM is 0.3V, the desired current limit is
about 10A.
Note that the maximum CS resistor (RCS)
should be set no higher than 3.6
kΩ.
CLREF
CLREF is used to set the current-limit reference
voltage, which can be determined by the hot-
swap controller or a resistor to ground in
standalone operation. A CLREF 10µA current
source sets the pin voltage. Place a 1nF
capacitor from CLREF to ground to smooth the
indicator voltage if the MP5921 is in standalone
mode.
For the current limit at normal operation, the
CLREF voltage can be set from 0.3V to 1.6V to
program the current limit low or high while a
fixed RCS resistor is used.
Current Monitor Set (IMON)
The
MP5921
provides
a power MOSFET
current monitoring function. Place a resistor to
ground to set the gain of the output current.
In a single MP5921 application, the IMON
resistor should be set no lower than the CS
resistor. When the MP5921 is used in a multi-
fuse
parallel
application,
achieve
start-up
current balance per device by connecting IMON
and CS (see Figure 12). The equivalent
average IMON resistor (RIMON_AVG) can be
calculated by RCS/N, where N is the active
parallel number.
MP5921
MP5921
MP5921
IMON
IMON
GND
CS
IMON
RCS
GND
CS
RCS
GND
CS
RCS
N
R
R
CS
IMON_AVG =
RIMON
RIMON
RIMON
RIMON= RCS
Figure 12: Multi-MP5921 IMON and CS
Connection in Parallel Application
Maximum Output Current
The MP5921 drives up to 50A of continuous
current per device at room temperature and can
reach 60A with air flow. The case temperature
rise vs. the output current at different air
conditions is shown in Figure 13.
Figure 13: Output Current De-Rating Curve
No Air Flow
Air Flow = 100 ft/min
Air Flow = 200 ft/min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com