Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 14Page - MPS Industries, Inc. MP5921 Datasheet HTML 15Page - MPS Industries, Inc. MP5921 Datasheet HTML 16Page - MPS Industries, Inc. MP5921 Datasheet HTML 17Page - MPS Industries, Inc. MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. MP5921 Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
18
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
t
VIN
VGS
VOUT
3.3 V
VDD3
MP5921 UVLO
GOK
ON/PD
CLREF
VCLREF_SS
eg, 500 mV
VCLREF_NORM
eg. 1.4V
Insertion delay
On delay
determined by
controller
>1.4V
VCS
Figure 4: Start-Up when MP5921 is Controlled by
Hot-Swap Controller
If the MP5921 works in standalone mode, an
external capacitor (CON) can be connected from
ON/PD to ground for an automatic start-up (see
Figure 5). The internal 4.2µA current source
charges the capacitor when VDD3 is higher
than the UVLO. ON/PD can also be pulled up
externally to the VDD3 voltage. A 10µA CLREF
current source determines the current limit level
through a resistor to ground.
VIN
VOUT
MP5921
VIN
VOUT
CS
IMON
ON/PD
VDD3
CLREF
VTEMP
SS
GOK
GND
D_OC
RIMON
RCS
RCLREF
CON
CSS
TVS
Figure 5: MP5921 Schematic when Operating in
Standalone Mode
Once the ON/PD voltage exceeds 1.4V and the
insertion delay time ends, the power FET is
charged up by the internal 12
μA charge pump.
The power FET is turned on when VGS reaches
VGSTH, and then the output voltage rises. The
current-limit
reference
voltage
is
clamped
internally to different voltage levels according to
VOUT. The external CLREF voltage is higher
than the internal VBE clamp (see Figure 6).
If the external CLREF voltage is lower than the
clamp voltage, the actual current limit reference
is determined by the CLREF voltage.
t
VIN
VGS
VOUT
3.3 V
VDD3
MP5921 UVLO
GOK
ON/PD
CLREF
Insertion delay
1.4 V
VBE
80%VIN
≤1.6V
VCS
VCLREF_NORM
Figure 6: Start-Up when MP5921 Operates in
Standalone Mode
Soft Start (SS)
A capacitor connected to SS determines the
soft-start time. When ON/PD is pulled high and
the insertion delay time ends, a constant
current source proportional to the input voltage
charges up the SS voltage. The output voltage
rises at a similar slew rate to the SS voltage.
The SS capacitor value can be calculated by
Equation (3):
SS
SS
SS
R
t
9
C
=
(3)
Where tSS is the soft start time (ms), CSS is the
soft-start capacitor (nF), and RSS is 0.8MΩ.
For example, a 100nF capacitor provides a soft-
start time of 8.9ms. If the load capacitance is
extremely
large,
the
current
required
to
maintain the preset soft-start time exceeds the
start-up current limit. In this case, the rise time
is controlled by the load capacitor and the start-
up current limit. Float SS to generate a fast
ramp-up voltage. A 12
μA current source pulls
up the gate of the power FET. The gate charge
current controls the output voltage rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com