Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 22 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 22 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. MP5921 Datasheet HTML 22Page - MPS Industries, Inc. MP5921 Datasheet HTML 23Page - MPS Industries, Inc. MP5921 Datasheet HTML 24Page - MPS Industries, Inc. MP5921 Datasheet HTML 25Page - MPS Industries, Inc. MP5921 Datasheet HTML 26Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
22
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
VTEMP OUT
GND
VIN
MP5921
VOUT
VIN
VTEMP OUT
GND
VIN
MP5921
VTEMP
Temperature
ADC
Controller
Figure 11: Multi-Fuse Temperature Sense
Utilization in Paralleling
Thermal Protection
The Intelli-Fuse temperature is sensed by
internally monitoring the junction temperature of
the IC. The temperature information can be
read from VTEMP.
The Intelli-Fuse has thermal protection. When
the junction temperature exceeds the threshold
(143°C), the power FET is turned off, and GOK
is pulled low.
VDD3 Sub-Regulator
The MP5921 has an internal 3.0V linear sub-
regulator that steps down the input voltage to
generate a 3.0V power supply. VDD3 can be
driven with an external 3.3V to reduce sub-
regulator loss from VIN.
Under-Voltage Lockout (UVLO) Protection
The MP5921 has two under-voltage lockout
(UVLO) protections: a 2.41V VDD3 UVLO and
a 2.91V VIN UVLO. The MP5921 can start up
only when both VDD3 and VIN exceed their
respective UVLO thresholds. The MP5921
shuts down when either the VDD3 voltage is
lower than the UVLO falling threshold voltage
(typically 2.04V) or VIN is lower than the VIN
falling
threshold
(2.58V).
Both
UVLO
protections are non-latch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com