Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 16Page - MPS Industries, Inc. MP5921 Datasheet HTML 17Page - MPS Industries, Inc. MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. MP5921 Datasheet HTML 22Page - MPS Industries, Inc. MP5921 Datasheet HTML 23Page - MPS Industries, Inc. MP5921 Datasheet HTML 24Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
20
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ON
ON/PD
Controller
MP5921
ON/PD
Control
4.2µA
RON
RPD
VDD3
Control
Logic
Figure 9: ON/PD Connection for PD Mode
If the ON/PD is controlled by the hot-swap
controller
and
PD
mode
is
unnecessary,
remove RPD and connect ON/PD to the hot-
swap controller with a
10kΩ resistor.
GOK Report
GOK is an open-drain, active-low signal that
reports the fault of the Intelli-Fuse. When a fault
occurs, GOK is pulled low. Pull GOK up to the
VDD3 voltage through a 100k
Ω resistor. During
VDD3 power-up, the GOK output is driven low.
Before the power FET is turned on, the GOK
fault condition is detected when VDD3 and VIN
have passed the UVLO threshold. ON/PD is
higher than 1.4V, so the GOK signal is pulled
high if no fault is detected or is pulled low if a
fault is detected.
There are four fault latch protections for the
MP5921.
1. Over-current protection: When VCS exceeds
the
CLREF
threshold
during
normal
operation, the GOK signal is pulled low after
a 180µs gate regulation time.
2. Short-circuit protection: When the Intelli-
Fuse load current reaches 100A rapidly,
GOK is pulled low immediately.
3. Over-temperature
protection:
Once
the
junction temperature (TJ) is higher than
143°C, GOK is pulled down.
4. Power FET not fully on indication: After the
FET is enabled and VOUT begins ramping, if
VOUT < 90%VIN for the maximum soft-start
time (270ms), GOK is driven low. If VOUT <
1/8VIN, and the FET current is regulated by
VBE for 2.1ms, GOK is driven low.
When a latch fault occurs, GOK is pulled low.
The GOK fault latch can be released by
recycling VIN.
The MP5921 can detect a power FET drain-to-
source short before the FET is turned on. If a
short is detected, GOK is driven low. Once the
short is removed, GOK is released high again.
Figure 10 shows the power FET on/off control
with the GOK timing diagram when the MP5921
is controlled by the hot-swap controller.
Latch Fault
occurs
D-S short
VIN/
VDD33
ON/PD
SWITCH
GOK
Insertion delay
Remove
Fault
FET off
FET on
Remove Fault
FET on
Insertion delay
FET on
Figure 10: Power FET On/Off Control when a
Fault Occurs
Damaged Intelli-Fuse MOSFET Detection
The MP5921 can detect a shorted pass FET
during power-up. Once VDD3 is higher than the
UVLO rising threshold, and ON/PD is higher
than the 1.4V FET on threshold, the MP5921
detects a shorted pass FET by treating an
output voltage that exceeds 90%VIN before the
FET turns on as a short on the MOSFET. The
GOK signal remains low when the MP5921
detects VOUT > 90%*VIN during start-up. Once
the short is removed, and the MP5921 detects
that VOUT < 70%*VIN, the GOK signal is
released high again, and the MP5921 prepares
for normal start-up.
D_OC Report
D_OC is an open-drain, active-low output that
reports the over-current warning when VOUT ≥
90%VIN. Once VCS is higher than 85% of the
CLREF voltage, D_OC is driven low. When VCS
drops below the threshold, D_OC is released
high again. Pull D_OC up to the VDD3 voltage
through a 100k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com