Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 24 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 24 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 18Page - MPS Industries, Inc. MP5921 Datasheet HTML 19Page - MPS Industries, Inc. MP5921 Datasheet HTML 20Page - MPS Industries, Inc. MP5921 Datasheet HTML 21Page - MPS Industries, Inc. MP5921 Datasheet HTML 22Page - MPS Industries, Inc. MP5921 Datasheet HTML 23Page - MPS Industries, Inc. MP5921 Datasheet HTML 24Page - MPS Industries, Inc. MP5921 Datasheet HTML 25Page - MPS Industries, Inc. MP5921 Datasheet HTML 26Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
24
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for optimum IC
performance.
A
4-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure
14 and follow the guidelines below.
1.
Place the MP5921 close to the board’s
input
connector
to
minimize
trace
inductance.
2.
Place a small capacitor (CIN, 100nF) close
to the MP5921
’s VIN and GND to minimize
transients, which may occur on the input
supply line.
Transients of several volts can occur easily
when the load current is shut off.
3.
Place a 1µF capacitor as close to VDD3 as
possible.
4.
Keep the high-
current path from the board’s
input to the load (and the return path) close
to each other and in parallel to minimize
loop inductance.
5.
An analog signal ground (AGND) plane is
used locally in the MP5921 and connected
to the PCB power ground planes at a single
point.
6.
Connect the reference ground of all signal
pins
to
the
reference
ground
of
the
controller if the MP5921 cooperates with
the hot-swap controller.
OUT
OUT
OUT
17
16
15
VIN
VIN
VIN
1
2
3
VIN 4
19
20
21
22
23
24
25
26
27
28
5 6 7 8 9 10 11 12 13 14
18 VIN
TVS
VIN
OUT
GND
AGND
CSS
CVDD3
SS
Figure 14: Example of PCB Layout (Placement & Top Layer PCB)
VIN TVS: SMDJ12A
VOUT DIODE: MBRA340T3G for Single MP5921, MBRS540T3G for Paralleling Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com