Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP5921
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP5921 Datasheet HTML 10Page - MPS Industries, Inc. MP5921 Datasheet HTML 11Page - MPS Industries, Inc. MP5921 Datasheet HTML 12Page - MPS Industries, Inc. MP5921 Datasheet HTML 13Page - MPS Industries, Inc. MP5921 Datasheet HTML 14Page - MPS Industries, Inc. MP5921 Datasheet HTML 15Page - MPS Industries, Inc. MP5921 Datasheet HTML 16Page - MPS Industries, Inc. MP5921 Datasheet HTML 17Page - MPS Industries, Inc. MP5921 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
14
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1 - 4, 18
VIN
System input power supply. The MP5921 operates from a 4V to 16V input rail.
5 - 17
OUT
Output voltage controlled by the IC. OUT is connected to the source of the
integrated MOSFET.
19
D_OC
Digital output of the over-current indication. D_OC is an open-drain output. When
the CS voltage (VCS) is higher than 85% of CLREF, the D_OC logic is pulled low.
20
ON/PD
Power FET on/off control or OUT voltage pull-down mode control. Drive ON/PD
above 1.4V to turn on the power FET. Drive ON/PD low to turn off the power FET.
Force the ON/PD voltage to around 1V to pull down VOUT with an integrated 500
Ω
resistor after a 2.1ms delay. Connect a 10k
Ω resistor from ON/PD to the hot-swap
controller when the MP5921 is controlled by the controller. Do not float ON/PD.
21
CLREF
Current-limit reference voltage input.
22
CS
Current sense output. CS requires an external resistor. The CS voltage (VCS) is
compared with CLREF to determine the current limit.
23
IMON
Current monitor output. The output current is proportional to the current flowing
through the power device.
24
VDD3
Internal 3.0V LDO output. VDD3 can be driven with an external 3.3V to reduce loss
from VIN. Place a 1µF decoupling capacitor close to VDD3 and GND.
25
GND
Signal ground.
26
SS
Soft-start set. An external capacitor connected to SS sets the soft-start time of the
output voltage. The internal circuit controls the slew rate of the output voltage during
turn-on.
27
GOK
Intelli-Fuse fault reporting output. GOK asserts low and latches after a fault occurs.
The faults that can trigger GOK include over-current fault (during normal operation),
short-circuit fault, over-temperature fault, and FET health fault. GOK is an open-drain
output pin.
28
VTEMP
Junction temperature sense output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com