Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 11Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 12Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 13Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 14Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 15Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 16Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 17Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 18Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
15
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Digital Features
Digital Signal Path
SABRE DAC DIGITAL PATH
TDM/I2S/
DoP
S/PDIF
Automute
DSD FIR
DSD
16x IIR
Filter
Noise Shaped
Modulators
SRC
8x Oversampling Filter
2x OSF
Bypass
Bypass
4x OSF
Bypass
CH
MAPPING
Volume
Control
Note: Channel Mapping is only available with the TDM/I2S & DoP interface.
GPIO Configuration
GPIO_CONFIG
Function
I/O Direction
0
Analog Shutdown*
N/A
1
1’b0
Output
2
1’b1
Output
3
CLK_IDAC
Output
4
Interrupt
Output
5
Mute all channel
Input
6
Input Selection
Input
7
Lock_status
Output
8
CLK_VALID flag
Output
9
PWM1
Output
10
PWM2
Output
11
PWM3
Output
12
Volume min
Output
13
Automute status
Output
14
Soft Ramp finished
Output
15
MQA_Auth_True**
Output
Table 2 – Standard GPIO Functions
For GPIO_CONFIG 0:
*Analog Shutdown is input disabled, output is tri-stated
For GPIO_CONFIG 15:
**MQA_Auth_True is for ES9039MPRO only. Determines if the incoming stream is an MQA stream or not.
GPIOx Default states:
GPIO1: Automute Status
GPIO3-8: Analog Shutdown
GPIO2: Lock Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com