Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 19 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 19 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 15Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 16Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 17Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 18Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 19Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 20Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 21Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 22Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 23Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
19
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
PCM Filter Properties (44.1kHz Sampling)
Minimum Phase
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.49 x fs
Hz
Stop band
-97dB
0.64 x fs
Hz
Group Delay
3.29/fs
9.37/fs
s
Flatness (ripple)
0.0004
dB
Linear Phase Apodizing
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.44 x fs
Hz
Stop band
-107dB
3.68 x fs
Hz
Group Delay
33.2/fs
s
Flatness (ripple)
0.0017
dB
Linear Phase Fast Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.48 x fs
Hz
Stop band
-118dB
1.99 x fs
Hz
Group Delay
33.8/fs
s
Flatness (ripple)
0.0023
dB
Linear Phase Slow Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.43 x fs
Hz
Stop band
-84dB
0.74 x fs
Hz
Group Delay
5.62/fs
s
Flatness (ripple)
0.002
dB
Minimum Phase Fast Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.48 x fs
Hz
Stop band
-99dB
0.60 x fs
Hz
Group Delay
3.29/fs
9.51/fs
s
Flatness (ripple)
0.0016
dB
Minimum Phase Slow Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.43 x fs
Hz
Stop band
-84dB
0.79 x fs
Hz
Group Delay
2.5/fs
3/fs
s
Flatness (ripple)
0.0035
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com