Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 28Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 29Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 30Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 31Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 32Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 33Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 34Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 35Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
32
Test Conditions 2 (unless otherwise noted)
TA = 25oC, AVCC_R = AVCC_L = VCCA = AVDD = +3.3V, DVDD= +1.2V, fs = 48kHz, DAC enabled, streaming zeros
Parameter
Min
Typ
Max
Unit
H
ardware Mode: 3 (MCLK = 49.152MHz)
AVCC_R
13.7
mA
AVCC_L
13.7
mA
VCCA
1.0
mA
AVDD
2.3
mA
DVDD
42.3
mA
H
ardware Mode: 2 (MCLK = 24.576MHz)
AVCC_R
7.6
mA
AVCC_L
7.6
mA
VCCA
0.6
mA
AVDD
2.4
mA
DVDD
17.1
mA
H
ardware Mode: 18 (MCLK = 50MHz)
AVCC_R
4.0
mA
AVCC_L
4.0
mA
VCCA
0.5
mA
AVDD
0.4
mA
DVDD
29.3
mA
Table 7 – Power consumption with test conditions 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com