Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 3Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 4Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 5Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 6Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 7Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 8Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 9Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 10Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
7
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
64 QFP Pin Descriptions
Pin
Name
Pin Type
Reset State
Pin Description
1
DVDD
Power
Power
Digital Core Supply, 1.2V
2
DAC1
AO
Ground
Differential Positive Output for Channel 1
3
DAC1B
AO
Ground
Differential Negative Output for Channel 1
4
DAC3B
AO
Ground
Differential Negative Output for Channel 3
5
DAC3
AO
Ground
Differential Positive Output for Channel 3
6
AVCC_L
Power
Power
3.3V DAC analog output stage reference supply for the Left side
7
AGND
Ground
Ground
DAC analog output stage ground
8
CHIP_EN
I
HiZ
Active-high Chip Enable
9
RT1
I
HiZ
Reserved. Must be connected to DGND for normal operation.
10
AGND
Ground
Ground
DAC analog output stage ground
11
AVCC_L
Power
Power
3.3V DAC analog output stage reference supply for the Left side
12
DAC5
AO
Ground
Differential Positive Output for Channel 5
13
DAC5B
AO
Ground
Differential Negative Output for Channel 5
14
DAC7B
AO
Ground
Differential Negative Output for Channel 7
15
DAC7
AO
Ground
Differential Positive Output for Channel 7
16
DVDD
Power
Power
Digital Core Supply, 1.2V
17
AVCC_L
Power
Power
3.3V DAC analog output stage reference supply for the Left side
18
AGND
Ground
Ground
DAC analog output stage ground
19
DVDD
Power
Power
Digital Core Supply, 1.2V
20
DGND
Ground
Ground
Digital Ground
21
MOSI/SDA/HW0
I
HiZ
Serial communication for SPI/I2C & HW0 interface pin, controlled by MODE
22
SCLK/SCL/HW1
I
HiZ
Serial Clock for SCLK (SPI), SCL (I2C), also HW1 controlled by MODE pin
23
MODE
I
HiZ
I2C/SPI Control selection or HW mode
24
MCLK
I
HiZ
Oscillator input
25
VCCA
Power
Power
Analog Supply, 3.3V
26
GPIO1
I/O
HiZ
General I/O w/extended functions
27
GPIO2
I/O
HiZ
General I/O w/extended functions
28
GPIO3
I/O
HiZ
General I/O w/extended functions
29
DGND
Ground
Ground
Digital Ground
30
DVDD
Power
Power
Digital Supply, 1.2V
31
AGND
Ground
Ground
DAC analog output stage ground
32
AVCC_R
Power
Power
3.3V DAC analog output stage reference supply for the Right side
33
DVDD
Power
Power
Digital Supply, 1.2V
34
DAC8
AO
Ground
Differential Positive Output for Channel 8
35
DAC8B
AO
Ground
Differential Negative Output for Channel 8
36
DAC6B
AO
Ground
Differential Negative Output for Channel 6
37
DAC6
AO
Ground
Differential Positive Output for Channel 6
38
AVCC_R
Power
Power
3.3V DAC analog output stage reference supply for the Right side
39
AGND
Ground
Ground
DAC analog output stage ground
40
SS/ADDR1/HW2
I
HiZ
Serial communication for SPI/I2C & HW2 interface pin, controlled by MODE pin
41
MISO/ADDR0/
MUTE_CTRL
I
HiZ
Serial communication for SPI/I2C & HW (MUTE_CTRL) interface pin, controlled
by MODE pin
42
AGND_R
Ground
Ground
DAC analog output stage ground for the Right Side
43
AVCC_R
Power
Power
3.3V DAC analog output stage reference supply for the Right side
44
DAC4
AO
Ground
Differential Positive Output for Channel 4
45
DAC4B
AO
Ground
Differential Negative Output for Channel 4
46
DAC2B
AO
Ground
Differential Negative Output for Channel 2
47
DAC2
AO
Ground
Differential Positive Output for Channel 2
48
DVDD
Power
Power
Digital Supply, 1.2V
49
AVCC_R
Power
Power
3.3V DAC analog output stage reference supply for the Right side
50
AGND
Ground
Ground
DAC analog output stage ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com