Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 31 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 31 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 27Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 28Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 29Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 30Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 31Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 32Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 33Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 34Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 35Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
31
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Power Consumption
Power numbers are given when the device is in slave mode.
Test Condition 0 Standby
Standby (CHIP_EN = 0)
AVCC
<60
uA
AVDD
3
uA
VCCA
1
uA
DVDD
1.4
mA
Test Conditions 1 (unless otherwise noted)
TA = 25oC, AVCC_R = AVCC_L = VCCA = AVDD = +3.3V, DVDD= +1.2V, fs = 48kHz, DAC enabled, 1kHz sine full scale
Parameter
Min
Typ
Max
Unit
H
ardware Mode: 3 (MCLK = 49.152MHz) Master Mode 1024*fs
AVCC_R
57.0
mA
AVCC_L
57.0
mA
VCCA
1.1
mA
AVDD
2.4
mA
DVDD
69.4
mA
H
ardware Mode: 2 (MCLK = 24.576MHz)
AVCC_R
50.5
mA
AVCC_L
50.5
mA
VCCA
0.6
mA
AVDD
2.4
mA
DVDD
36.0
mA
H
ardware Mode: 18 (MCLK = 50MHz)
AVCC_R
45.3
mA
AVCC_L
45.3
mA
VCCA
0.42
mA
AVDD
0.4
mA
DVDD
41.6
mA
Table 6 – Power consumption with test conditions 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com