Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 6Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 7Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 8Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 9Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 10Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 11Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 12Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 13Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
10
Hardware Mode
The ES9039MPRO & ES9039PRO has 32 pre-configured modes that can be set with external pin configuration. These modes configure the DAC for
different input serial data rates and set the DAC muting.
These modes are set with pins:
•
MODE (Pin 23)
•
HW0 (Pin 21)
•
HW1 (Pin 22)
•
HW2 (Pin 40)
•
MUTE_CTRL (Pin 41)
Each hardware mode pin has 4 states:
•
0 – Pin directly connected to GND
•
1 – Pin directly connected to AVDD
•
Pull 0 – Pin pulled to GND through 47kΩ resistor
•
Pull 1 – Pin pulled to AVDD through 47kΩ resistor
Design Information
Each hardware mode pin can be configured with either a pull-up or pull-down resistor. Therefore, it is important that the pin is configured to allow for
the desired hardware modes. Some guidelines include the following:
•
The HW0 and HW1 pins never require a pull up or pull-down resistor.
HW2/
MODE
AVDD or GPIO
47k
HW2/
MODE
47k
Pull-up
Pull-down
GND or GPIO
Figure 2 – Hardware mode pin configurations
Muting
MUTE_CTRL (Pin 41) is used to control the muting of the output and enabling of the Automute feature while in Hardware Mode:
•
0 – Output Muted, No Automute
•
1 – Output Unmuted, No Automute
•
Pull 0 – Output Muted, Automute Enabled
•
Pull 1 – Output Unmuted, Automute Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com