Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 14Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 15Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 16Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 17Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 18Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 19Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 20Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 21Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
18
Pre-Programmed Digital Filters
The ES9039MPRO & ES9039PRO has 7 pre-programmed digital filters. The latency for each filter reduces (scales) with increasing sample rates.
(See Register 88[2:0])
•
Minimum Phase (default)
•
Linear Phase Apodizing
•
Linear Phase Fast Roll-off
•
Linear Phase Slow Roll-off
•
Minimum Phase Fast Roll-off
•
Minimum Phase Slow Roll-off
•
Minimum Phase Slow Roll-off Low Dispersion
PCM Filter Latency
The following table shows the simulated latency of each filter at 48kHz sampling rate. Latency delay will reduce (scale) with sampling rate.
Digital Filter
Delay(us) @
fs=48kHz
Minimum phase (default)
158us
Linear Phase Apodizing
760us
Linear Phase Fast Roll-Off
771us
Linear Phase Slow Roll-Off
208us
Minimum Phase fast roll-off
158us
Minimum Phase slow roll-off
137us
Minimum Phase Slow roll-off low dispersion
282us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com