Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 64 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 64 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 60Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 61Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 62Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 63Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 64Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 65Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 66Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 67Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 68Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
64
Register 58: SERIAL MASTER ENCODER CONFIG
Bits
[7]
[6]
[5]
[4:3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
2'd0
1'b0
1'b0
1'b1
Bits
Mnemonic
Description
[7]
TDM_RESYNC
Force TDM decoder to resync.
•
1'b0: Let decoder sync (default)
•
1'b1: Force decoder not sync
[6]
BCK_INV
Invert the slave BCK
•
1'b0: Normal operation
•
1'b1: Invert slave BCK
[5]
RESERVED
NA
[4:3]
MASTER_FRAME_LENGTH
Selects the bit length in each TDM channel in master mode.
•
2'd0: 32-bit (default)
•
2'd1: 24-bit
•
2'd2: 16-bit
•
2'd3: Reserved
[2]
MASTER_WS_PULSE_MODE
When enabled, master WS is a pulse signal instead of a 50% duty cycle
signal. The pulse width is 1 BCK cycle.
•
1'b0: 50% duty cycle WS signal (default)
•
1'b1: Pulse WS signal
[1]
MASTER_WS_INVERT
Inverts master WS.
•
1'b0: Non-inverted (default)
•
1'b1: Inverted
[0]
MASTER_BCK_INVERT
Inverts master BCK or DSD_CLK.
•
1'b0: Non-inverted
•
1'b1: Inverted (default)
Register 59: TDM CONFIG
Bits
[7:5]
[4:0]
Default
3'd0
5'd1
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:0]
TDM_CH_NUM
Total number of TDM slots per frame = TDM_CH_NUM + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com