Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MSPRO Datasheet(PDF) 77 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 77 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 73Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 74Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 75Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 76Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 77Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 78Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 79Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 80Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 81Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
77
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 123: AUTOMUTE ENABLE
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
1'b1
Bits
Mnemonic
Description
[7]
AUTOMUTE_EN_CH8
•
1'b0: Disables ch8 automute
•
1'b1: Enables ch8 automute (default)
Note: Automute is available for PCM only
[6]
AUTOMUTE_EN_CH7
•
1'b0: Disables ch7 automute
•
1'b1: Enables ch7 automute (default)
Note: Automute is available for PCM only
[5]
AUTOMUTE_EN_CH6
•
1'b0: Disables ch6 automute
•
1'b1: Enables ch6 automute (default)
Note: Automute is available for PCM only
[4]
AUTOMUTE_EN_CH5
•
1'b0: Disables ch5 automute
•
1'b1: Enables ch5 automute (default)
Note: Automute is available for PCM only
[3]
AUTOMUTE_EN_CH4
•
1'b0: Disables ch4 automute
•
1'b1: Enables ch4 automute (default)
Note: Automute is available for PCM only
[2]
AUTOMUTE_EN_CH3
•
1'b0: Disables ch3 automute
•
1'b1: Enables ch3 automute (default)
Note: Automute is available for PCM only
[1]
AUTOMUTE_EN_CH2
•
1'b0: Disables ch2 automute
•
1'b1: Enables ch2 automute (default)
Note: Automute is available for PCM only
[0]
AUTOMUTE_EN_CH1
•
1'b0: Disables ch1 automute
•
1'b1: Enables ch1 automute (default)
Note: Automute is available for PCM only
Register 125-124: AUTOMUTE TIME
Bits
[15:12]
[11]
[10:0]
Default
4'd0
1'b1
11'd15
Bits
Mnemonic
Description
[15:12]
RESERVED
NA
[11]
AUTOMUTE_RAMP_TO_GROUND
•
1'b0: When ramped to min volume during normal mute, do not soft
ramp to ground
•
1'b1: When ramped to min volume during normal mute, soft ramp to
ground for power saving (default)
normal mute includes: automute, mute by register, mute by GPIO
[10:0]
AUTOMUTE_TIME
Configures the amount of time in seconds the audio must remain below
AUTOMUTE_LEVEL before an automute condition is flagged.
Valid from 0 (disabled) to 11'h7FF (fastest), where 11'h001 is the slowest
������������������������ [������] =
218
������������������������������������������������_������������������������ ∗ ������������
Register 127-126: AUTOMUTE LEVEL
Bits
[15:0]
Default
16'0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com