Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 11Page - ESS Technology,Inc ES9822PRO Datasheet HTML 12Page - ESS Technology,Inc ES9822PRO Datasheet HTML 13Page - ESS Technology,Inc ES9822PRO Datasheet HTML 14Page - ESS Technology,Inc ES9822PRO Datasheet HTML 15Page - ESS Technology,Inc ES9822PRO Datasheet HTML 16Page - ESS Technology,Inc ES9822PRO Datasheet HTML 17Page - ESS Technology,Inc ES9822PRO Datasheet HTML 18Page - ESS Technology,Inc ES9822PRO Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
15
ES9822 PRO Product Datasheet
PCM Filter Properties
The following filter properties were obtained from software simulations of these filters.
Linear Phase Apodizing
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.44 x fs
Hz
Stop band
-108dB
0.5 x fs
Hz
Group Delay
33/fs
s
Flatness (ripple)
±0.0014
dB
Linear Phase Fast Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.49 x fs
Hz
Stop band
-115dB
0.54 x fs
Hz
Group Delay
33/fs
s
Flatness (ripple)
±0.0017
dB
Linear Phase Fast Roll-off Low Ripple
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.5 x fs
Hz
Stop band
-82dB
0.54 x fs
Hz
Group Delay
33/fs
s
Flatness (ripple)
±4.87x10-5
dB
Linear Phase Slow Roll-Off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.49 x fs
Hz
Stop band
-81dB
0.81 x fs
Hz
Group Delay
5.625/fs
s
Flatness (ripple)
±1.67x10-4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com