Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 100 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 100 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 96Page - ESS Technology,Inc ES9822PRO Datasheet HTML 97Page - ESS Technology,Inc ES9822PRO Datasheet HTML 98Page - ESS Technology,Inc ES9822PRO Datasheet HTML 99Page - ESS Technology,Inc ES9822PRO Datasheet HTML 100Page - ESS Technology,Inc ES9822PRO Datasheet HTML 101Page - ESS Technology,Inc ES9822PRO Datasheet HTML 102Page - ESS Technology,Inc ES9822PRO Datasheet HTML 103Page - ESS Technology,Inc ES9822PRO Datasheet HTML 104Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
100
Synchronous Slave Interface Registers
Register 192: SOFT RESET
Bits
[7]
[6:0]
Default
1'b0
7'd0
Bits
Mnemonic
Description
[7]
AO_SOFT_RESET
Performs soft reset to digital core except for the PLL
REGISTERS.
[6:0]
RESERVED
NA
Register 193: CLK SELECT
Bits
[7:3]
[2:1]
[0]
Default
5'd0
2'd0
1'b0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2:1]
SEL_SYSCLK_IN
Selects digital core and ADC clock source when
EN_ANA_CLKIN is set.
•
2'd0: XTAL (default)
•
2'd1: MCLK
•
2'd2: ACLK
•
2'd3: PLL
[0]
EN_ANA_CLKIN
Enables clock outputs to the digital core and ADC.
•
1'b0: Disabled (default)
•
1'b1: Enabled
Register 194: ADC CLOCK DIVIDE
Bits
[7:2]
[1:0]
Default
6'd0
2'd0
Bits
Mnemonic
Description
[7:2]
RESERVED
NA
[1:0]
SEL_CLK_DIV
Sets ADC clock rate:
2'd0: full-rate (Divide by 1)
2'd1: 1/2 rate (Divide by 2)
2'd2: 1/4 rate (Divide by 4)
2'd3: 1/8 rate (Divide by 8)
Register 203-195: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com