Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 50Page - ESS Technology,Inc ES9822PRO Datasheet HTML 51Page - ESS Technology,Inc ES9822PRO Datasheet HTML 52Page - ESS Technology,Inc ES9822PRO Datasheet HTML 53Page - ESS Technology,Inc ES9822PRO Datasheet HTML 54Page - ESS Technology,Inc ES9822PRO Datasheet HTML 55Page - ESS Technology,Inc ES9822PRO Datasheet HTML 56Page - ESS Technology,Inc ES9822PRO Datasheet HTML 57Page - ESS Technology,Inc ES9822PRO Datasheet HTML 58Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
54
Register 7: DSD AND I2S/TDM MASTER CLK CONFIG
Bits
[7:5]
[4]
[3:0]
Default
3'd0
1'b0
4'd0
Bits
Mnemonic
Description
[7:5]
MASTER_WS_SCALE
In I2S/TDM master mode, tunes master BCK/WS ratio by
scaling master WS. It allows more TDM slots in a fixed frame.
•
3'd0: No scale (default)
•
3'd1: Scale down WS by 2
•
3'd2: Scale down WS by 4
•
3'd3: Scale down WS by 8
•
3'd4: Scale down WS by 16
•
others: Reserved
[4]
DSD_CLK_DIV2
Further divides the DSD clock by 2 (after divided by
SELECT_DSD_NUM+1)
…to create a 50% duty cycle DSD clock.
•
1'b0: No divide (default)
•
1'b1: Further divides the DSD clock by 2
[3:0]
SELECT_DSD_NUM
Whole number divide value + 1 for DSD clock
(SYS_CLK/divide_value). When SELECT_DSD_NUM is
larger than 0, the divided clock is not a 50% duty cycle clock.
•
4'd0: Whole number divide value + 1 = 1 (default)
•
4'd1: Whole number divide value + 1 = 2
•
4'd15: Whole number divide value + 1 = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com