Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 70 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 70 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 66Page - ESS Technology,Inc ES9822PRO Datasheet HTML 67Page - ESS Technology,Inc ES9822PRO Datasheet HTML 68Page - ESS Technology,Inc ES9822PRO Datasheet HTML 69Page - ESS Technology,Inc ES9822PRO Datasheet HTML 70Page - ESS Technology,Inc ES9822PRO Datasheet HTML 71Page - ESS Technology,Inc ES9822PRO Datasheet HTML 72Page - ESS Technology,Inc ES9822PRO Datasheet HTML 73Page - ESS Technology,Inc ES9822PRO Datasheet HTML 74Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
70
Delay Line Registers
Register 60-59: I2S DECODER CONFIG
Bits
[15:14]
[13:12]
[11]
[10]
[9:0]
Default
2'd0
2'd0
1'b0
1'b0
10'd0
Bits
Mnemonic
Description
[15:14]
I2S_DECODER_CH_SEL
Sets the number of bits in a channel
•
2'd0: 32 bits (default)
•
2'd1: 24 bits
•
2'd2: 16 bits
•
2'd3: Reserved
[13:12]
I2S_DECODER_WORD_SEL
Sets the number of bits of data
•
2'd0: 32 bits (default)
•
2'd1: 24 bits
•
2'd2: 16 bits
•
2'd3: Reserved
[11]
I2S_DECODER_POSEDGE_FRAME
Sets where the frame starts
•
1'b0: Indicates frame starts on negedge of WS (default)
•
1'b1: Indicates frame starts on posedge of WS
[10]
ENABLE_I2S_DECODER
Enables I2S decoder.
•
1'b0: Disabled (default)
•
1'b1: Enabled
[9:0]
I2S_DECODER_BIT_START
Indicates the MSB-2 position of the data from the frame start.
Valid from 10'h0 to 10'h3FF
Register 62-61: DELAY LINE CONFIG
Bits
[15:10]
[9]
[8:0]
Default
6'd14
1'b0
9'd0
Bits
Mnemonic
Description
[15:10]
RESERVED
NA
[9]
ENABLE_CLK_DL
Enables delay line clock and data output.
•
1'b0: Disabled (default)
•
1'b1: Enabled
[8:0]
PROG_DELAY_LINE
Sets the length of the delay line.
•
9'd0: No delay (default)
•
9'd1: Delay the I2S input data by 1 sample
•
9'd2: Delay the I2S input data by 2 samples
•
9'd511: Delay the I2S input data by 511 samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com